Part Number Hot Search : 
5KE36 ES100 9910B 24000 BD4854 1N1185A M38505M4 A102J
Product Description
Full Text Search
 

To Download XC6204A182MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCMOS Low Power Consumption NDropout Voltage : 60mV @ 30mA,
GMobile phones GCordless phones GCameras, video recorders GPortable games GPortable AV equipment GReference voltage GBattery powered equipment
200mV @ 100mA NMaximum Output Current NHighly Accurate : 150mA : 2%
3
NOutput Voltage Range : 1.8V ~ 6.0V NLow ESR capacitor compatible
The XC6204 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a standard voltage source, an error correction, current limiter and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 50mV increments within a range of 1.8V ~ 6.0V. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. The CE function enables the output to be turned off, resulting in greatly reduced power consumption.
Maximum Output Current : Dropout Voltage : Maximum Operating Voltage : Output Voltage Range : Highly Accurate : Low Power Consumption : Standby Current High Ripple Rejection Low Output Noise
150mA 200mV (IOUT = 100mA) 10V 1.8V ~ 6.0V in 50mV increments 2% TYP 70A
: less than 0.1A : 70dB (10 kHz) : 30Vrms
Operational Temperature Range : -40C ~ +85C Low ESR Capacitor Compatible : Ceramic capacitor
257
3
GSelection Guide
The following options for the CE pin logic and internal pull-up/down are available: Active 'High' + no pull-down resistor built-in (standard) Active 'High' + 300k pull-down resistor built-in (semi-custom) Active 'Low' + no pull-up resistor built-in (semi-custom) Active 'Low' + 300k pull-up resistor built-in (semi-custom) Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 300k (TYP.)
GOrdering Information qwerty
2% accuracy w w w w e e e e r r r r 1% accuracy 1% 2% 1% accuracy 1% 2% accuracy
258
GSOT-25
3
GUSP-6B
259
GSOT-25
q
qwer
w
3
e
r
260
GUSP-6B
qw
4 5 6 1 2 3
q
w
e
3
r
t
y
261
3
The diode in the circuit above is the protective diode.
C C
262

-
3

"
"
C
C
263



3
-

"
"
C
C
264
Dropout Voltage 1
- - -

3
265
Dropout Voltage 2
- - -

3
266
Dropout Voltage 3
- - -

3
267
Output voltage control with the XC6204 series : The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-Channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The ouput voltage at the VOUT pin is controlled & stabilised by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
3

With the XC6204 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor with a capacitance value of at least 1F. Also, please connect an input capacitor (CIN) of 0.1F between the VIN pin and the VSS pin in order to ensure a stable power input.
C

The XC6204 series includes a combination of a fixed current limiter circuit & a foldback circuit which aid the operations of the current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and output current decreases (refer to the data on page 5). When the output pin is shorted, a current of about 60mA flows.

The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6204 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE pin is selectable (please refer to the selection guide on page 2). Note that as the standard XC6204B type is ' High Active/No Pull Down', operations will become unstable with the CE pin open. Although the CE pin is equal to an inverter input with CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC is in operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the IC will operatenormally. However, supply current may increase as a result of through current in the IC's internal circuitry if a voltage between 0.25V and 1.5V is input.
GNotes on Use
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedence is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
268
Circuit 1
Circuit 2
3
Circuit 3
Circuit 4
269
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
C
C C C
3
C
C C C
C
C C C
C
C C C
270
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
C C
3
C C
C
C
C
C
271
(3) DROPOUT VOLTAGE vs. OUTPUT CURRENT
C C C
C C C
3

C C C
C C C
(4) SUPPLY CURRENT vs. INPUT VOLTAGE
C C C
C C C
C C C
C C C
272
(5) OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
C
C
3
C
C
(6) SUPPLY CURRENT vs. AMBIENT TEMPERATURE
C
C
C
C
273
(7) CE PIN THRESHOLD VOLTAGE vs. AMBIENT TEMPERATURE
3
(8) INPUT TRANSIENT RESPONSE
C




274
(8) INPUT TRANSIENT RESPONSE


3



275
(9) LOAD TRANSIENT RESPONSE

3




276
(9) LOAD TRANSIENT RESPONSE


3




277
(9) LOAD TRANSIENT RESPONSE

3




278
(9) LOAD TRANSIENT RESPONSE


3




279
(10) TURN-ON RESPONSE TIME

3



280
(10) TURN-ON RESPONSE TIME


3



281
(11) ENABLE RESPONSE TIME (These characteristics will not be affected by the nature of the CE pin's logic)

3



282
(11) ENABLE RESPONSE TIME (These characteristics will not be affected by the nature of the CE pin's logic)


3



283
(12) RIPPLE REJECTION RATE
3

(13) OUTPUT NOISE DENSITY
284


▲Up To Search▲   

 
Price & Availability of XC6204A182MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X